PART |
Description |
Maker |
AD5060ARJZ-1REEL7 AD5060ARJZ-2REEL7 AD5060YRJZ-1RE |
Full Accurate 3 V/5 V 16-Bit VOUT nanoDAC® Converter, Output Buffered, in a Sot 23; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial SERIAL INPUT LOADING, 4 us SETTLING TIME, 16-BIT DAC, PDSO8 Fully Accurate 14-/16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23 Fully Accurate 14-/16-Bit VOUT nanoDAC?SPI Interface 2.7 V to 5.5 V, in an SOT-23
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LT1468-2 LT1468IDD-2-PBF LT1468IDD-2-TRPBF LT1468I |
200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp
|
Linear Technology
|
AD5045 AD5045BRUZ AD5045BRUZ-REEL7 AD502508 AD5025 |
SERIAL INPUT LOADING, 10.7 us SETTLING TIME, 16-BIT DAC, PDSO14 Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
|
ANALOG DEVICES INC
|
AD5063 |
(AD5062 / AD5063) Full Accurate 16 Bit Vout nanoDac
|
Analog Devices
|
AD7415-0 EVAL-AD7414/15EB AD7414-0 AD7414ART-2REEL |
±0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23 DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT MO-187AA, MSOP-8 Programmable Indicator "soft" LED blinker with TinyWire Single Wire Interface; 5-SC-70; Tape and Reel DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT ??.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
EVAL-AD5065EBZ AD5025 AD5025BRUZ AD5025BRUZ-REEL7 |
Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
|
AD[Analog Devices]
|
AD5066 |
Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V
|
Analog Devices
|
AD5063BRMZ-REEL7 AD5062BRJZ-2500RL7 AD5063BRMZ |
2.7 V-5.5 V Full Accurate 16-Bit Vout nanoDAC™ Converter Unbuffered in a Sot 23
|
Analog Devices
|
AT30TS750A AT30TS750A-14 |
9- to 12-bit Selectable, 卤0.5掳C Accurate Digital Temperature Sensor with Nonvolatile Registers
|
Atmel, Corp. ATMEL Corporation
|
AD5060 |
Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered
|
Analog Devices
|
AD5064BRUZ AD5064BRUZ-REEL7 AD5044BRUZ-REEL7 |
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|